PART |
Description |
Maker |
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
HC49 HD74HC490 |
Voltage Regulator IC; Output Current:1A; Output Voltage:9V; Package/Case:3-TO-220; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Dual 4-bit Decade Counters
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
SD210DE SST823 SST824 SD5001N SD5401CY SST215 |
Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.9V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.9V RoHS Compliant: No Voltage Regulator IC; Output Current:150mA; Output Voltage:2.8V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
|
LINEAR[Linear Integrated Systems]
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
TLE4275GV33 TLE4275V33 |
Linear Voltage Regulator 3.3 V Fixed Output Voltage Supply voltage regulator
|
Infineon Technologies AG Infineon Technologies A...
|
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AN1431 AN1431M AN1431T AN1434M AN1432 |
Surface-mount Adjustable Output Shunt Regulator JT 7C 7#20 PIN RECP Analog IC Variable output/ low voltage operation shunt regulator IC
|
http:// PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
PJ7912CI PJ7912CZ PJ7925CZ PJ7900 PJ7900CI PJ7900C |
-12V Negative output voltage regulators -18V Negative output voltage regulators -9V Negative output voltage regulators -8V Negative output voltage regulators -6V Negative output voltage regulators -5V Negative output voltage regulators 15 V FIXED NEGATIVE REGULATOR, PSFM3 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:32; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 三端负输出电压调节器 GT 4C 4#8 SKT RECP 三端负输出电压调节器 GT 3C 3#12 SKT RECP LINE 三端负输出电压调节器 3-Terminal Negative Output Voltage Regulators 三端负输出电压调节器 From old datasheet system
|
Electronic Theatre Controls, Inc. HIROSE ELECTRIC Co., Ltd. Promax-Johnton ETC[ETC] List of Unclassifed Manufacturers
|
NTE7022 |
TRIPLE OUTPUT, FIXED POSITIVE REGULATOR, PSMA12 Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
|
NTE[NTE Electronics]
|
SSTJ210 SSTJ211 SSTJ212 J210 J211 J212 |
N-Channel JFET UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET, TO-92 Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.6V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V RoHS Compliant: No
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|